Part Number Hot Search : 
PZT13003 16ST1119 LM324 AMPHENOL 2CLC2036 MCF5206 LNK353P Z3PK540H
Product Description
Full Text Search
 

To Download SWL1N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright@ semipower electronic technology co., ltd. all rights reserved. features high ruggedness r ds( on ) (max 12 ? )@v gs =10v gate charge (max 6 nc) improved dv/dt capability 100% avalanche tested general description this power mosfet is produced with advanced vdmos technology of samwin . this technology enable power mosfet to have better characteristics, such as fast switching time, low on resistance, low gate charge and especially excellent avalanche characteristics . this power mosfet is usually used at high efficient dc to dc converter block and switch mode power supply . n - channel mosfet absolute maximum ratings symbol parameter value unit to - 126 to - 251 to - 252 v dss drain to source voltage 600 v i d continuous drain current (@t c =25 o c) 1.0 1.0 a continuous drain current (@t c =100 o c) 0.65 0.65 a i dm drain current pulsed (note 1) 4.0 4.0 a v gs gate to source voltage 30 v e as single pulsed avalanche energy (note 2) 52 mj e ar repetitive avalanche energy (note 1) 0.3 mj dv/dt peak diode recovery dv/dt (note 3) 4.5 v/ns p d total power dissipation (@t c =25 o c) 30 30 w derating factor above 25 o c 0.23 0.23 w/ o c t stg , t j operating junction temperature & storage temperature - 55 ~ + 150 o c t l maximum lead temperature for soldering purpose, 1/8 from case for 5 seconds. 300 o c thermal characteristics symbol parameter maximum value unit to - 126 to - 251 to - 252 r thjc thermal resistance, junction to case 4.2 o c/w r thcs thermal resistance, junction to case 50 o c/w r thja thermal resistance, junction to ambient 110 o c /w mar. 2011. rev. 2.0 1/7 bv dss : 600v i d : 1.0a r ds(on) : 12ohm 1 2 3 1 2 3 1. gate 2. drain 3. source to - 251 1 2 3 to - 252 to - 126 1 2 3 sw1n60 samwin item sales type marking package packaging 1 sw l 1n60 sw1n60 to - 126 tube 2 sw i 1n60 sw1n60 to - 251 tube 3 sw d 1n60 sw1n60 to - 252 reel order codes
copyright@ semipower electronic technology co., ltd. all rights reserved. electrical characteristic ( t c = 25 o c unless otherwise specified symbol parameter test conditions min. typ. max. unit off characteristics bv dss drain to source breakdown voltage v gs =0v, i d =250ua 600 - - v bv dss / t j breakdown voltage temperature coefficient i d =250ua, referenced to 25 o c - 0.4 - v/ o c i dss drain to source leakage current v ds =600v, v gs =0v - - 1 ua v ds =480v, t c =125 o c - - 10 ua i gss gate to source leakage current, forward v gs =30v, v ds =0v - - 100 na v gs = - 30v, v ds =0v - - - 100 na gate to source leakage current, reverse on characteristics v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2.0 - 4.0 v r ds(on) drain to source on state resistance v gs =10v, i d = 0.5a 8.9 12 ? dynamic characteristics c iss input capacitance v gs =0v, v ds =25v, f=1mhz - 120 150 pf c oss output capacitance - 18 25 c rss reverse transfer capacitance - 4 6 t d(on) turn on delay time v ds =300v, i d =1.0a, r g =25? - 15 35 ns tr rising time - 75 140 t d(off) turn off delay time - 30 60 t f fall time - 35 60 q g total gate charge v ds =480v, v gs =10v, i d =1.0a - 7 9 nc q gs gate - source charge - 1.3 - q gd gate - drain charge - 2.4 - source to drain diode ratings characteristics symbol parameter test conditions min. typ. max. unit i s continuous source current integral reverse p - n junction diode in the mosfet - - 1.0 a i sm pulsed source current - - 4.0 a v sd diode forward voltage drop. i s =1.0a, v gs =0v - - 1.5 v t rr reverse recovery time i s =1.0a, v gs =0v, di f /dt=100a/us - 430 - ns q rr breakdown voltage temperature - 0.44 - uc . notes 1. repeatitive rating : pulse width limited by junction temperature. 2. l = 95mh, i as = 1.0a, v dd = 50v, r g =25?, starting t j = 25 o c 3. i sd 1.0a, di/dt = 300a/us, v dd bv dss , staring t j =25 o c 4. pulse test : pulse width 300us, duty cycle 2% 5. essentially independent of operating temperature. sw1n60 samwin 2/7
copyright@ semipower electronic technology co., ltd. all rights reserved. fig. 1. on - state characteristics fig. 2. transfer characteristics fig. 3. on - resistance variation vs. drain current and gate voltage fig. 5. capacitance characteristics (non - repetitive) fig. 6. gate charge characteristics fig. 4. on state current vs. diode forward voltage 3/7 sw1n60 samwin 10 -1 10 0 10 1 10 -2 10 -1 10 0 notes : 1. 250s pulse test 2. t c = 25 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.5 v 6.0 v bottom : 5.5 v i d , drain current [a] v ds , drain-source voltage [v] 2 4 6 8 10 10 -1 10 0 150 o c 25 o c -55 o c notes : 1. v ds = 50v 2. 250s pulse test i d , drain current [a] v gs , gate-source voltage [v] 0.0 0.5 1.0 1.5 2.0 2.5 0 5 10 15 20 25 30 v gs = 20v v gs = 10v ? ? n o t e : t j = 2 5 ? ? r ds(on) , d r a i n - s o u r c e o n - r e s i s t a n c e [ ? ] i d , drain current [a] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 10 -1 10 0 1 5 0 ? ? ? ? n o t e s : 1. v gs = 0v 2 . 2 5 0 ? s p u l s e t e s t 2 5 ? ? i dr , reverse drain current [a] v sd , source-drain voltage [v]
copyright@ semipower electronic technology co., ltd. all rights reserved. fig. 9. maximum drain current vs. case temperature. fig. 8. on resistance variation vs. junction temperature fig. 10. maximum safe operating area fig. 11. transient thermal response curve fig 7. breakdown voltage variation vs. junction temperature sw1n60 samwin 4/7 25 50 75 100 125 150 0.00 0.25 0.50 0.75 1.00 t c' case temperature [ o c] i d' drain current [a] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 ? ? n o t e s : 1. v gs = 10 v 2. i d = 0.5 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 10 0 10 1 10 2 10 3 10 -2 10 -1 10 0 10 1 dc 10 ms 1 ms 100 ? s operation in this area is limited by r ds(on) ? ? n o t e s : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 ? ? n o t e s : 1. v gs = 0 v 2. i d = 2 5 0 ? a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 10 1 ? ? n o t e s : 1. z jc ( t ) = 4 . 2 ? ? / w m a x . 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square wave pulse duration [sec]
copyright@ semipower electronic technology co., ltd. all rights reserved. v ds same type as dut dut v gs 1ma q g q gs q gd v gs charge v dd dut v ds r l r g 10v in 10% v ds v in 90% 10% t d(on) t r t on t d(off) t off t f v dd dut v ds l r g 10v in i as t p time i d(t) bv dss i as v ds(t) eas = l x i as 2 x bv dss - v dd bv dss 2 1 fig. 12. gate charge test circuit & waveform fig. 13. switching time test circuit & waveform fig. 14. unclamped inductive switching test circuit & waveform 5/7 sw1n60 samwin
copyright@ semipower electronic technology co., ltd. all rights reserved. fig. 15. peak diode recovery dv/dt test circuit & waveform v dd same type as dut v ds l r g 10v gs i s + - v ds dut *. dv/dt controlled by rg *. is controlled by pulse period v gs (driver) i s (dut) v ds (dut) body diode forward voltage drop v f diode recovery dv/dt i rm di/dt 10v diode reverse current v dd sw1n60 samwin 6/7
copyright@ semipower electronic technology co., ltd. all rights reserved. sw1n60 samwin revision history revision no. changed characteristics responsible date issuer rev 1.0 origination, first release alice nie 2007.12.05 xzq rev 2.0 updated the format of datasheet and added order codes. alice nie 2011.03.24 xzq ????? ? ? 25 ? mf6 029 - 88253717 029 - 88251977 ????? ??? a 2005 0755 - 83981818 0755 - 83476838 www.semipower.com.cn 7/7


▲Up To Search▲   

 
Price & Availability of SWL1N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X